Part Number Hot Search : 
S2GJF 08010 9LV065M KP4N12 LNA2901L DM74157 MM1ZB43H TC07VOA
Product Description
Full Text Search
 

To Download MK3P5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general-purpose relay mk-i/-s exceptionally reliable general-purpose relay features mechanical indicator/test button breaks relatively large load currents despite small size. built-in operation indicator (mechanical, led), test button types available as standard. diode surge suppression and varistor surge suppression types available on a lead time. demko nemko ordering information terminal contact form with mechanical indicator with mechanical indicator and pushbutton with mechanical indicator, led indicator and pushbutton available coil voltages plug-in dpdt mk2p-i mk2p-s mk2pn-s 12 vac, 24 vac, 48 vac, 110 vac, 230 vac 12 vdc 3pdt MK3P5-i MK3P5-s mk3pn-5-s 230 vac , 12 vdc , 24 vdc, 48 vdc, 110 vdc rated coil voltage note: when ordering, add the rated coil voltage to the model number, from the available coil voltage column. example: MK3P5s 230 vac accessories (order separately) description socket for 2 pole relay socket for 3 pole relay clips (pair) din rail/surface mounting socket pf083a-e pf113a-e pfc-a1 solder terminals pl08 pl11 pcb mounting socket ple08-0 ple11-0 note: for dimensions, see section 16. specifications coil ratings rated voltage rated current coil resistance must operate voltage must release voltage max. voltage power cons mption 60 hz 50 hz res i s t ance vo lt age vo lt age consump ti on ac 12 vac 180 ma 202 ma 16.9 w 80% max. of rated voltage 30% min. of rated voltage 110% of rated voltage approx. 2.3 va (at 60 hz) 24 vac 88 ma 98 ma 62 w ra t e d vo lt age ra t e d vo lt age vo lt age ( a t 60 h z ) approx. 2.7 va 48 vac 39 ma 46.3 ma 330 w (at 50 hz) 110 vac 21 ma 24.7 ma 1,240 w 230 vac 10.5 ma 12.3 ma 6,170 w dc 12 vdc 126 ma 95 w 15% min. of rated voltage approx. 1.5 w 24 vdc 56 ma 430 w ra t e d vo lt age 48 vdc 29.5 ma 1,630 w 110 vdc 15.1 ma 6,800 w note: 1. the rated current and coil resistance are measured at a coil temperature of 23  c with tolerances of +15%/ -20% for ac rated current and 15% for dc coil resistance. 2. performance characteristics data are measured at a coil temperature of 23  c. 3. for 200 vdc applications, a 100 vdc relay is supplied with a fixed 6.8 k w , 30 w resistor. be sure to connect the resistor in series with the coil.. 4. for models with the led indicator built-in, add an led current of approximately 0 through 5 ma to the rated current. www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
general-purpose relay mk-i/-s exceptionally reliable general-purpose relay features mechanical indicator/test button breaks relatively large load currents despite small size. built-in operation indicator (mechanical, led), test button types available as standard. diode surge suppression and varistor surge suppression types available on a lead time. demko nemko ordering information terminal contact form with mechanical indicator with mechanical indicator and pushbutton with mechanical indicator, led indicator and pushbutton available coil voltages plug-in dpdt mk2p-i mk2p-s mk2pn-s 12 vac, 24 vac, 48 vac, 110 vac, 230 vac 12 vdc 3pdt MK3P5-i MK3P5-s mk3pn-5-s 230 vac , 12 vdc , 24 vdc, 48 vdc, 110 vdc rated coil voltage note: when ordering, add the rated coil voltage to the model number, from the available coil voltage column. example: MK3P5s 230 vac accessories (order separately) description socket for 2 pole relay socket for 3 pole relay clips (pair) din rail/surface mounting socket pf083a-e pf113a-e pfc-a1 solder terminals pl08 pl11 pcb mounting socket ple08-0 ple11-0 note: for dimensions, see section 16. specifications coil ratings rated voltage rated current coil resistance must operate voltage must release voltage max. voltage power cons mption 60 hz 50 hz res i s t ance vo lt age vo lt age consump ti on ac 12 vac 180 ma 202 ma 16.9 w 80% max. of rated voltage 30% min. of rated voltage 110% of rated voltage approx. 2.3 va (at 60 hz) 24 vac 88 ma 98 ma 62 w ra t e d vo lt age ra t e d vo lt age vo lt age ( a t 60 h z ) approx. 2.7 va 48 vac 39 ma 46.3 ma 330 w (at 50 hz) 110 vac 21 ma 24.7 ma 1,240 w 230 vac 10.5 ma 12.3 ma 6,170 w dc 12 vdc 126 ma 95 w 15% min. of rated voltage approx. 1.5 w 24 vdc 56 ma 430 w ra t e d vo lt age 48 vdc 29.5 ma 1,630 w 110 vdc 15.1 ma 6,800 w note: 1. the rated current and coil resistance are measured at a coil temperature of 23  c with tolerances of +15%/ -20% for ac rated current and 15% for dc coil resistance. 2. performance characteristics data are measured at a coil temperature of 23  c. 3. for 200 vdc applications, a 100 vdc relay is supplied with a fixed 6.8 k w , 30 w resistor. be sure to connect the resistor in series with the coil.. 4. for models with the led indicator built-in, add an led current of approximately 0 through 5 ma to the rated current. www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
12 16 15 14 13 11 10 9 8 7 6 5 4 3 2 1 mk-i/-s mk-i/-s contact ratings load resistive load (cos ? =1) inductive load (cos ? =0.4) rated load 10 a at 250 vac (no) 5 a at 250 vac (no) 10 a at 28 vdc (no) 5 a at 28 vdc (nc) 7 a at 250 vac (no) rated carry current 10 a max. switching voltage 250 vac, 250 vdc max. switching current 10 a max. switching power 2,500 va, 280 w 1,250 va, 140 w 1750 va min. permissible load 10 ma at 1 vdc note: when using both no and nc contacts, break 10 a with no contact and 5 a with nc contact. when using only no contact, break 7 a. characteristics contact resistance 50 m w max. operate time ac: 20 ms max.; dc: 30 ms max. release time 20 ms max. max. operating frequency mechanical: 18,000 operations/hr electrical: 1,800 operations/hr (under rated load) insulation resistance 100 m w min. (at 500 vdc) dielectric withstand voltage 2,500 vac, 50/60 hz for 1 min. between coil and contacts; 1,000 vac, 50/60 hz for 1 min. between contacts of same polarity, terminals of the same polarity; 2,500 vac, 50/60 hz for 1 min. between current-carrying parts, non-current-carrying parts and terminals of opposite polarity vibration resistance destruction: 10 to 55 hz, 1.5 mm double amplitude malfunction: 10 to 55 hz, 1 mm double amplitude shock resistance destruction: 1,000 m/s 2 (approx. 100 g) malfunction: 100 m/s 2 (approx. 10 g) life expectancy destruction: 10,000,000 operations min. (at operating frequency of 18,000 operations/hr) electrical: refer to `engineering data' ambient temperature operating: -10  to 40  c (with no icing) ambient humidity 35% to 85% weight approx. 85 g note: the data shown above are initial values. approved standards ul 508 (file no. e41515) csa 22.2 no. 0/14 (file no. lr335535) sev 1025-1.84 (file no. 89,1 00090, 02) vde 0435 (file no. 5340) tuv (iec 255 (file no. r 9051410) demko (file no. 92321hk) nemko (file no. l86798) note: the rated values approved by each of the safety standards may differ from the performance characteristics individually defined in this catalogue. www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
12 16 15 14 13 11 10 9 8 7 6 5 4 3 2 1 mk-i/-s mk-i/-s contact ratings load resistive load (cos ? =1) inductive load (cos ? =0.4) rated load 10 a at 250 vac (no) 5 a at 250 vac (no) 10 a at 28 vdc (no) 5 a at 28 vdc (nc) 7 a at 250 vac (no) rated carry current 10 a max. switching voltage 250 vac, 250 vdc max. switching current 10 a max. switching power 2,500 va, 280 w 1,250 va, 140 w 1750 va min. permissible load 10 ma at 1 vdc note: when using both no and nc contacts, break 10 a with no contact and 5 a with nc contact. when using only no contact, break 7 a. characteristics contact resistance 50 m w max. operate time ac: 20 ms max.; dc: 30 ms max. release time 20 ms max. max. operating frequency mechanical: 18,000 operations/hr electrical: 1,800 operations/hr (under rated load) insulation resistance 100 m w min. (at 500 vdc) dielectric withstand voltage 2,500 vac, 50/60 hz for 1 min. between coil and contacts; 1,000 vac, 50/60 hz for 1 min. between contacts of same polarity, terminals of the same polarity; 2,500 vac, 50/60 hz for 1 min. between current-carrying parts, non-current-carrying parts and terminals of opposite polarity vibration resistance destruction: 10 to 55 hz, 1.5 mm double amplitude malfunction: 10 to 55 hz, 1 mm double amplitude shock resistance destruction: 1,000 m/s 2 (approx. 100 g) malfunction: 100 m/s 2 (approx. 10 g) life expectancy destruction: 10,000,000 operations min. (at operating frequency of 18,000 operations/hr) electrical: refer to `engineering data' ambient temperature operating: -10  to 40  c (with no icing) ambient humidity 35% to 85% weight approx. 85 g note: the data shown above are initial values. approved standards ul 508 (file no. e41515) csa 22.2 no. 0/14 (file no. lr335535) sev 1025-1.84 (file no. 89,1 00090, 02) vde 0435 (file no. 5340) tuv (iec 255 (file no. r 9051410) demko (file no. 92321hk) nemko (file no. l86798) note: the rated values approved by each of the safety standards may differ from the performance characteristics individually defined in this catalogue. www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
mk-i/-s mk-i/-s engineering data electrical life expectancy maximum switching capacity dimensions note: all units are in millimetres unless otherwise indicated. installation terminal arrangement/internal connection (bottom view) ac/dc coil mk2p-i-s MK3P5-i-s led indicator type (ac coil) mk2pn-s mk3pn-5-s led indicator type (dc coil) mk2pn-s mk3pn-5-s www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
mk-i/-s mk-i/-s engineering data electrical life expectancy maximum switching capacity dimensions note: all units are in millimetres unless otherwise indicated. installation terminal arrangement/internal connection (bottom view) ac/dc coil mk2p-i-s MK3P5-i-s led indicator type (ac coil) mk2pn-s mk3pn-5-s led indicator type (dc coil) mk2pn-s mk3pn-5-s www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com


▲Up To Search▲   

 
Price & Availability of MK3P5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X